Part Number Hot Search : 
M78L0 BC214C 71418 13003X AA1A3QC N74ACT 74VCX16 60125
Product Description
Full Text Search
 

To Download KDR720S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
For high speed switching circuit. For small current rectification. FEATURES
Low Forward Voltage : VF=0.55V(Max). IO=200mA recification possible.
2 L
KDR720S
SCHOTTKY BARRIER TYPE DIODE
E B
L
3
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive peak surge current Junction Temperature Storage Temperature
)
P P
SYMBOL VRRM VR IO IFSM Tj Tstg
RATING 30 30 0.2 1 125 -55 125
UNIT V V A A
C N
M
DIM A B C D E G H J K L M N P
MILLIMETERS _ 2.93 + 0.20 1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
A
G
H
K
J
D
3
1. CATHODE 1 2. CATHODE 2 3. ANODE
2 1
SOT-23
Marking
Lot No. Type Name
MG
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Forward Voltage Reverse Current Total Capacitance Reverse Recovery Time VF IR CT trr
)
TEST CONDITION IF=0.2A VR=30V VR=0V, f=1MHz IR=IF=10mA MIN. TYP. 30 3 MAX. 0.55 50 UNIT V A pF nS
SYMBOL
2003. 2. 25
Revision No : 1
1/2
KDR720S
IF
10 FORWARD CURRENT I F (mA)
3
- VF
10 REVERSE CURRENT I R (A)
5
IR -
VR
10 2 10 1 10 10
-1
Ta
=1
50
C 10 0 C
C Ta =2 5
10 4 10 3 10 10
2
Ta=150 C
= Ta
Ta=100 C
Ta =25
C
Ta=25 C
1 10
-1
-2
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
25
30
FORWARD VOLTAGE VF (V)
REVERSE VOLTAGE V R (V)
V F - Ta
0.5 FORWARD VOLTAGE VF (V) 0.4 0.3 0.2 0.1 0
I F =1mA I F =200mA I F =100mA
IR 10 4 REVERSE CURRENT I R (A)
Ta
10
3
VR =30V
10
2
VR =10V VR =5V
10
-40
0
40
80
120
160
200
1 -40 0 40 80 120 160 200
AMBIENT TEMPERATURE Ta ( C)
AMBIENT TEMPERAURE Ta ( C)
C T - VR
32 TOTAL CAPACITANCE CT (pF) 28 24 20 16 12 8 4 0 0 5 10 15 20 25 30
Ta=25 C f=1MHz
REVERSE VOLTAGE VR (V)
2003. 2. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDR720S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X